PART |
Description |
Maker |
SDR950/61 SDR952/61 SDR951/61 |
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier 60 A, 150 V, SILICON, RECTIFIER DIODE, TO-61 60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier 60 A, 100 V, SILICON, RECTIFIER DIODE, TO-61 60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier 60 A, 200 V, SILICON, RECTIFIER DIODE, TO-61
|
Solid States Devices, Inc. Solid State Devices, Inc.
|
SDR952S1 SDR951S1 SDR950S1 |
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
|
Solid States Devices, I... SSDI[Solid States Devices, Inc]
|
SDR620-28 SDR621-28 |
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
|
Solid States Devices, Inc.
|
SDR9102P SDR9100N SDR9100P SDR9101N SDR9101P SDR91 |
120 AMP 100- 200 VOLTS 35 nsec HYPER FAST RECTIFIER
|
SSDI[Solid States Devices, Inc]
|
CMR1S-02 CMR1S-01 |
BOX ABS 5.62 X3.25 X2.48 GRAY SUPER FAST RECOVERY RECTIFIER 1.0 AMP/ 100 AND 200 VOLTS
|
Central Semiconductor Corp.
|
MBR5200 |
5 Amp Schottky Barrier Rectifier 200 Volts 5 A, 200 V, SILICON, RECTIFIER DIODE, DO-201AD
|
Micro Commercial Components, Corp.
|
SDR620CAM SDR620CAZ SDR620DZ |
40 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST COMMOM CATHODE CENTERTAP RECTIFIER 40 A, 100 V, SILICON, RECTIFIER DIODE, TO-254AA
|
Solid State Devices, Inc.
|
PC100F2 PD100F2 |
100Avg, 200 Volts 100 A, 200 V, SILICON, RECTIFIER DIODE
|
Nihon Inter Electronics Cor... NIEC[Nihon Inter Electronics Corporation] Nihon Inter Electronics, Corp.
|
SSR2010CTC |
20 AMP 100 VOLTS POSITIVE CENTERTAP SCHOTTKY RECTIFIER 20 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid State Devices, Inc. SSDI[Solid States Devices, Inc]
|
CR2-XXX CR2-005 CR2-010 CR2-020 CR2-040 CR2-060 CR |
Leaded Rectifier General Purpose 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 200 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 1200 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2安培整流0-1500伏轴向环氧案例枚CR2系列 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 100 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 2 AMP RECTIFIER 50-1500 VOLTS AXIAL LEAD EPOXY CASE CR2 SERIES 2 A, SILICON, RECTIFIER DIODE
|
CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp. Bourns, Inc.
|
|